PART |
Description |
Maker |
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|
256713 92110 256709 256708 256710 |
FLOOR STAND-BLANK FLOOR STAND-SLIPP.WHEN WET 308ksps ADC with DSP Interface and 78dB SINAD 经济FL.STAND - 2双面 Evaluation Kit for the MAX1217, MAX1218, and MAX1219 落地支架,闲人免 Evaluation Kit for the MAX1217, MAX1218, and MAX1219 经济FL.STAND - 2双面
|
Maxim Integrated Products, Inc. Molex, Inc.
|
X09-009PKI-R |
900 MHz and 2.4 GHz stand-alone RF modems provide outstanding range (up to 20 miles) in a low-cost wireless solution.
|
List of Unclassifed Manufacturers
|
SMCJ300A |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
|
StarHope
|
5KP250CA 5KP250A |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 250 Volts
|
StarHope
|
3KP170 3KP8.0 3KP5.0 3KP120 3KP6.0 |
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
|
GOOD-ARK Electronics
|
5KP8.0 5KP5.0 5KP11 5KP250A 5KP6.0 |
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
|
GOOD-ARK Electronics
|
ZB2BL4 ZB2BL2 ZB2BV6 ZB2BV3 ZB2BS54 ZB2BW84354 ZB2 |
CONTROL AND SIGNALLING UNITS DIODE TVS 75V 600W BIDIR 5% SMB DIODE TVS 36V 600W BI-DIR SMB 指示灯头 传奇\u0026#39;紧急停止\u0026#39; TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Package/Case:DO-214; Leaded Process Compatible LEGEND PLATE B>1-11 DIODE TVS 9.0V 600W UNI 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:30V; Breakdown Voltage, Vbr:33.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:51V; Breakdown Voltage, Vbr:56.7V; Peak Pulse Power PPK @ 10x1000uS:600W; Package TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:18V; Breakdown Voltage, Vbr:20V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:22V
|
List of Unclassifed Man... Square D by Schneider Electric
|
XC6216C201ML XC6216C201MR XC6216C201PL XC6216C201P |
Voltage Regulators with Stand-by Function - Input Voltage: 28V
|
Torex Semiconductor http://
|
BDH50 BDH20 BDH57 |
TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package DIODE TVS 120V 600W BIDIR 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Through Hole 保险
|
Electronic Theatre Controls, Inc.
|
MAX40-110CA MAX40-150CA MAX40-100CA MAX40-90CA MAX |
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
|
MDE Semiconductor, Inc.
|
XC6701B502PR-G XC67012 XC6701B182MR-G XC6701B182PR |
28V Operation High Speed Voltage Regulators with Stand-by Function
|
Torex Semiconductor
|